Part Number Hot Search : 
1117E50 GRM185R EL5420CR 2SC53 FAN7021 C2600 S25FL016 1N4332
Product Description
Full Text Search
 

To Download EL-305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Infrared Emitting Diodes(GaAs)
K DNH OESI
EL-305
DIMENSIONS
The EL-305 a high-power GaAs IRED mounted in a clear sidelooking package, is compact, low profile, and easy to mount.
(Unit : mm)
FEATURES
U ompact C ULow profile package U ow-cost L USidelooking plastic package
APPLICATIONS
U hotointerrupters P UOptical switches U oys T
MAXIMUM RATINGS
Item
Reverse voltage Forward current *1 Pulse forward current Power dissipation Operating temp. Storage temp. *2 Soldering temp.
(Ta=2...) 5
Symbol
VR F I F IP PD Topr. Tstg. Tsol.
Rating
5 50 0.5 75 -25~+85 -30~+85 240
Unit
V mA A mW ... ... ...
*1. pulse width tw Z100 *I sec.period 10msec. T= *2. For MAX.5 seconds at the position of 2 mm from the package
ELECTRO-OPTICAL CHARACTERISTICS
Item
Forward voltage Reverse current Capacitance Radiant intensity Peak emission wavelength Spectral bandwidth 50% Half angle
(Ta=2...) 5
Symbol
VF R I Ct PO *Ip **I *E
Conditions
F= I 20mA VR=5V f=1MHz F= I 20mA F= I 20mA F= I 20mA
Min.
Typ.
1.2 25 1.0 940 50 ae 0 2
Max.
1.5 10
Unit.
V *I A pF mW/sr nm nm deg.
- 1-
Infrared Emitting Diodes(GaAs)
EL-305
Power dissipation Vs. Ambient temperature
Radiant intensity Vs. Forward current
Relative radiant intensity Vs. Ambient temperature
Relative intensity Vs. Wavelength
Forward current vs. Forward voltage
Radiant Pattern
Relative radiant intensity Vs. Distance
- 2-


▲Up To Search▲   

 
Price & Availability of EL-305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X